Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1107ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
3
4
2
NIC
NIC
NIC
NIC
5
6
NIC
GND
7
RFIN
8
GND
9
NIC
21 NIC
22 NIC
11 12 13 14 15 16 17 18 19 20
31
ADPA1107
TOP VIEW
(Not to Scale)
23 VDET
24 GND
25 RFOUT
26 GND
27 VREF
28 NIC
29 NIC
30 NIC
10
NIC
32
33
34
35
36
37
38
39
40
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE PINS ARE
NOT CONNECTED INTERNALLY, HOWEVER, ALL DATA
SHOWN WAS MEASURED WITH THESE PINS CONNECTED
TO RF AND DC GROUND EXTERNALLY.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO RF AND DC GROUND
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 4, 8 to 12, 14 to 17,
20 to 22, 28 to 31, 34 to 37, 40
NIC
Not Internally Connected. These pins are not connected internally, however, all data
shown was measured with the NIC pins connected to RF and dc ground externally.
5, 7, 24, 26
GND
The GND pins must be connected to RF and dc ground. See Figure 3 for the interface
schematic.
6
RFIN
RF Input. The RFIN pin is ac-coupled and matched to 50 Ω. See Figure 4 for the
interface schematic.
13, 38
VDD1B, VDD1A
Power Supply Voltage for the Amplifier. First stage drain bias. See Figure 4 for the
interface schematic.
18, 19, 32, 33
VDD2B, VDD2A
Power Supply Voltage for the Amplifier. Second stage drain bias. See Figure 5 for the
interface schematic.
23
VDET
Detector Diode to Measure RF Output Power. Output power detection via the VDET
pin requires the application of a dc bias voltage through an external series resistor.
Used in combination with the VREF pin, the difference voltage (VREF − VDET) is a
temperature compensated dc voltage that is proportional to the RF output power.
See Figure 5 for the interface schematic.
25
RFOUT
RF Output. The RFOUT pin is ac-coupled and matched to 50 Ω. See Figure 5 for the
interface schematic.
27
VREF
Reference Diode for Temperature Compensation of VDET RF Output Power
Measurements. See Figure 6 for the interface schematic.
39
VGG1
Gate Control Voltage Pin. See Figure 4 and Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com