Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA1107ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 16 of 20
THEORY OF OPERATION
The ADPA1107 is a GaN, broadband power amplifier that
delivers 45 dBm (35 W) of pulsed power. The device consists of
two cascaded gain stages. A simplified block diagram is shown
in Figure 50.
The ADPA1107 has single-ended RFIN and RFOUT ports that
are ac-coupled. The impedances of these ports are nominally
50 Ω over the 4.8 GHz to 6.0 GHz frequency range. Consequently,
the ADPA1107 can be directly inserted into a 50 Ω system
without the need for external impedance matching components
or ac coupling capacitors.
The drain bias voltage applied to the VDD1A, VDD1B,
VDD2A, and VDD2B pins biases the drains of the first and the
second gain stages, respectively (a single common supply voltage
must be used). The negative dc voltage applied to the VGG1 pin
biases the gates of the first and the second gain stages,
respectively, to allow control of the drain currents of each stage
A portion of the RF output signal is directionally coupled to a
diode for detection of the RF output power. When the diode is
dc biased, the diode rectifies the RF power and makes the RF
power available for measurement as a dc voltage at the VDET
pin. To allow temperature compensation of VDET, an identical
and symmetrically located circuit, minus the coupled RF power,
is available via VREF. Taking the difference of VREF − VDET
provides a temperature compensated signal that is proportional
to the RF output power (see Figure 51).
RFIN
RFOUT
VDD1A
VDD2A
VDD1B
VDD2B VDD2B
DIRECTIONAL
COUPLER
VDD2A
VREF
VDET
VGG1
Figure 50. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com