Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA1107ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADPA1107
Rev. 0 | Page 17 of 20
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The basic connections for operating the ADPA1107 are shown
in Figure 51. Apply a power supply voltage of between 28 V and
32 V on all VDDxA and VDDxB pins. Decouple the VDDxA
and VDDxB pins with the capacitor values shown in Figure 51.
The VDD1x pins require a 2.55 Ω resistor in series with the
decoupling capacitor to assist with making the ADPA1107
unconditionally stable. The VGG1 pin is used to set the IDQ of all
stages. The decoupling capacitors on the VDDxA, VDDxB, and
VGG1 lines represent the configuration that was used to
characterize and qualify the ADPA1107.
Pin 1 through Pin 4, Pin 8 through Pin 12, Pin 14 through
Pin 17, Pin 20 through Pin 22, Pin 28 through Pin 31, Pin 34
through Pin 37, and Pin 40 are designated as no internal
connection (NIC) pins. Although the NIC pins are not
internally connected, the NIC pins were all connected to
ground during the characterization of the device.
Apply a voltage between −2 V and −4 V to the VGG1 line to set
the drain current. The device can be operated by pulsing either
the gate voltage or the drain voltage.
In gate pulsed mode, VDDxA and VDDxB are held at a fixed
level (nominally +28 V), while the gate voltage is pulsed between
−4 V (off) and approximately −2.6 V (on). The exact on level
can be adjusted to achieve the desired IDQ.
In drain pulsed mode, VDDxA and VDDxB are pulsed on and
off while the gate voltage is held at a fixed negative level
between −2 V and −4 V. Because high currents and voltages are
being switched on and off, a metal-oxide semiconductor field
effect transistor (MOSFET) and a MOSFET switch driver are
required in the circuit. Large capacitors are also required, which
act as local reservoirs of charge and help provide the drain
current required by the ADPA1107 while maintaining a steady
drain voltage during the on time of the pulse.
The ADPA1107-EVALZ includes a plug-in pulser board that
contains the required circuitry to implement drain pulsed
mode. See the ADPA1107A-EVALZ user guide (UG-1962)
for additional information.
To safely turn power on, the VGG1 voltage must be set to −4 V
before the VDDxA and the VDDxB voltages are applied. After
VGG1 is increased to achieve the desired IDQ, the RF input can
be applied.
To safely turn power off, remove the RF input signal and decrease
VGG1 to −4 V. VDDxA and VDDxB can then be decreased to 0
V before increasing VGG1 to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com