Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPA1107ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADPA1107
Rev. 0 | Page 9 of 20
46.0
41.5
4.6
6.2
FREQUENCY (GHz)
42.0
42.5
43.0
43.5
44.0
44.5
45.0
45.5
4.8
5.0
5.2
5.4
5.6
5.8
6.0
23dBm
24dBm
25dBm
26dBm
27dBm
28dBm
29dBm
Figure 13. POUT vs. Frequency at
Various PIN Levels
65
35
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
23dBm
24dBm
25dBm
26dBm
27dBm
28dBm
29dBm
40
45
50
55
60
Figure 14. PAE vs Frequency at
Various PIN Levels
47
41
4.6
6.2
FREQUENCY (GHz)
+85°C
+25°C
–40°C
42
43
44
45
46
4.8
5.0
5.2
5.4
5.6
5.8
6.0
Figure 15. POUT vs. Frequency at
Various Temperatures and PIN = 25 dBm
25
0
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
23dBm
24dBm
25dBm
26dBm
27dBm
28dBm
29dBm
5
10
15
20
Figure 16. Gain vs. Frequency at
Various PIN Levels
47
41
4.6
6.2
FREQUENCY (GHz)
+85°C
+25°C
–40°C
42
43
44
45
46
4.8
5.0
5.2
5.4
5.6
5.8
6.0
Figure 17. POUT vs. Frequency at
Various Temperatures and PIN = 27 dBm
65
35
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
40
45
50
55
60
+85°C
+25°C
–40°C
Figure 18. PAE vs. Frequency at
Various Temperatures and PIN = 25 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com