Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
14
Table2a. Commands (QPI)
Command Name
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
Clock Number
(0,1)
(2,3)
(4,5)
(6,7)
(8,9)
(10,11)
Write Enable
06H
Write Enable for Volatile
Status Register
50H
Write Disable
04H
Read Status Register
05H
(S7-S0)
Read Status Register-1
35H
(S15-S8)
Write Status Register
01H
(S7-S0)
(S15-S8)
Page Program
02H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase(32KB)
52H
A23-A16
A15-A8
A7-A0
Block Erase(64KB)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Deep Power-Down
B9H
Set Read Parameters
C0H
P7-P0
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Burst Read with Wrap
0CH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Quad I/O Fast Read
EBH
A23-A0
dummy(5
)
(D7-D0)(3
)
Release from Deep Power-
Down, And Read Device
ID(10)
ABH
dummy
dummy dummy * N
(ID7-ID0)
Manufacturer/Device ID(11)
90H
dummyx
2
00H
dummy * N
MID7~MID
0
(ID7-ID0)
Disable QPI
FFH
Enable Reset
66H
Reset
99H
Notes:
1.
Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com