Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 22 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 22 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 26Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
22
Fast Read (0BH) in QPI Mode
The Fast Read command is also supported in QPI mode. In QPI mode, the number of dummy clocks is
configured by the “Set Read Parameters (C0H)” command to accommodate a wide range application with
different needs for either maximum Fast Read frequency or minimum data access latency. Depending on
the Read Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as either 4/6/8.
When the dummy cycle is configured to 4, addr [0] input must be 0.
Dual Output Fast Read (3BH )
The Dual Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each
bit being latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit per
clock cycle from SI and SO. The command sequence is shown in Figure 8. The first byte addressed can
be at any location. The address is automatically incremented to the next address after each byte of data is
shifted out.
Figure8. Dual Output Fast Read Sequence Diagram
Figure7a. Read Data Bytes at Higher Speed Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com