Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 47 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 47 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 51Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
47
Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will
return to its default power-on state and lose all the current volatile settings, such as Volatile Status
Register bits, Write Enable Latch status (WEL), Program/Erase Suspend status, Read Parameter setting
(P7-P0),Continuous Read Mode bit setting (M7-M0)and Wrap Bit Setting(W6-W4).
The “Reset (99H)” command sequence as follow: CS# goes low→Sending Enable Reset command→
CS# goes high→CS# goes low→Sending Reset command→CS# goes high. Once the Reset command is
accepted by the device, the device will take approximately tRST_R to reset. During this period, no
command will be accepted. Data corruption may happy if there is an on-going or suspended internal
Erase or Program operation when Reset command sequence is accepted by the device. It is
recommended to check the BUSY bit and the SUS bit in Status Register before issuing the Reset
command sequence.
Figure33. Enable Reset and Reset command Sequence Diagram
Figure33a. Enable Reset and Reset command Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com