Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
10
SRP1
SRP0
WP#
Status Register
Description
0
0
X
Software Protected
The Status Register can be written to after a Write
Enable command, WEL=1.(Default)
0
1
0
Hardware Protected
WP#=0, the Status Register locked and cannot be
written to.
0
1
1
Hardware Unprotected
WP#=1, the Status Register is unlocked and can be
written to after a Write Enable command, WEL=1.
1
0
X
Power Supply Lock-
Down(1)(2)
Status Register is protected and cannot be written to
again until the next Power-Down, Power-Up cycle.
1
1
X
One-Time Program(2)
Status Register is permanently protected and cannot
be written to.
Notes:
1.
When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
2.
This feature is available on special order.
QE bit.
The Quad Enable (QE) bit is a non-volatile Read/Write bit in the Status Register that allows Quad
operation. When the QE bit is set to 0 (Default) the WP# pin and HOLD# pin are enable. When the QE bit
is set to 1, the Quad IO2 and IO3 pins are enabled. (The QE bit should never be set to 1 during standard
SPI or Dual SPI operation if the WP# or HOLD# pins are tied directly to the power supply or ground).
LB bit.
The LB bit is a non-volatile One Time Program (OTP) bit in Status Register (S10) that provide the write
protect control and status to the Security Registers. The default state of LB is 0, the security registers are
unlocked. LB can be set to 1 using the Write Register instruction. LB is One Time Programmable, once it’s
set to 1, the Security Registers will become read-only permanently.
CMP bit.
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction with the
BP4-BP0 bits to provide more flexibility for the array protection. Please see the Status registers Memory
Protec tion table for details. The default setting is CMP=0.
SUS bit.
The SUS bit is a read only bit in the status register (S15) that is set to 1 after executing an Erase/Program
Suspend (75H or B0H) command. The SUS bit is cleared to 0 by Erase/Program Resume (7AH or 30H)
command or during power-down & power-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com