Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 45 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 45 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 49Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
45
Enable QPI (38H)
The device support both Standard/Dual/Quad SPI and QPI mode. The “Enable QPI (38H)” command can
switch the device from SPI mode to QPI mode. See the command Table 2a for all support QPI commands.
In order to switch the device to QPI mode, the Quad Enable (QE) bit in Status Register-1 must be set to 1
first, and “Enable QPI (38H)” command must be issued. If the QE bit is 0, the “Enable QPI (38H)”
command will be ignored and the device will remain in SPI mode. When the device is switched from SPI
mode to QPI mode, the existing Write Enable Latch and Program/Erase Suspend status, and the Wrap
Length setting will remain unchanged.
Continuous Read Mode Reset (CRMR) (FFH)/ Disable QPI (FFH)/ Continuous Read Mode
Reset (CRMR) (FFH)
The Dual/Quad I/O Fast Read operations, “Continuous Read Mode” bits (M7-0) are implemented to
further reduce command overhead. By setting the (M7-0) to AXH, the next Dual/Quad I/O Fast Read
operations do not require the BBH/EBH/E7H command code.
Figure30. Burst Read with Wrap Command Sequence Diagram
Figure31. Enable QPI Mode Command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com