Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 41 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 41 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 45Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
41
Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed
by two bytes of device identification. The device identification indicates the memory type in the first byte,
and the memory capacity of the device in the second byte. Any Read Identification (RDID) command
while an Erase or Program cycle is in progress, is not decoded, and has no effect on the cycle that is in
progress. The Read identification (RDID) command should not be issued while the device is in Deep
Power-Down Mode.
The device is first selected by driving CS# to low. Then, the 8-bit command code for the command is
shifted in. This is followed by the 24-bit device identification, stored in the memory, being shifted out on
Serial Data Output, each bit being shifted out during the falling edge of Serial Clock. The command
sequence is shown in Figure25. The Read Identification (RDID) command is terminated by driving CS# to
high at any time during data output. When CS# is driven high, the device is put in the Standby Mode.
Once in the Standby Mode, the device waits to be selected, so that it can receive, decode and execute
commands.
Erase Security Registers (44H)
The ACE25AA320G provides four 256-byte Security Registers which only erased all at once but able to
program individually. These registers may be used by the system manufacturers to store security and
other important information separately from the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable
(WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low→sending Erase Security Registers
Command→CS# goes high. The command sequence is shown in Figure 26. CS# must be driven high
after the eighth bit of the command code has been latched in, otherwise the Erase Security Registers
command is not executed. As soon as CS# is driven high, the self-timed Erase Security Registers cycle
(whose duration is tSE) is initiated. While the Erase Security Registers cycle is in progress, the Status
Register may be read to check the value of the Write In Progress (WIP) bit.
Figure25. Read Identification ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com