Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 35 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 35 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 39Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
35
The Chip Erase command sequence: CS# goes low→sending Chip Erase command→CS# goes high.
The command sequence is shown in Figure19. CS# must be driven high after the eighth bit of the
command code has been latch in, otherwise the Chip Erase command is not executed. As soon as CS# is
driven high, the self-timed Chip Erase cycle (whose duration is tCE) is initiated. While the Chip Erase
cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit.
The Write In Progress (WIP) bit is 1 during the self-timed Chip Erase cycle, and is 0 when it is completed.
At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The
Chip Erase (CE) command is executed if the Block protected by (BP2, BP1, BP0) bits. The Chip
Erase(CE) command is ignored if one or more sectors are protected.
Figure19. Chip Erase Sequence Diagram
Figure19a. Chip Erase Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com