Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA320GFMTH Datasheet(PDF) 33 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMTH Datasheet(HTML) 33 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA320GFMTH Datasheet HTML 37Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
33
The 32KB Block Erase command sequence: CS# goes low→sending 32KB Block Erase command→
3-byte address on SI→CS# goes high. The command sequence is shown in Figure17. CS# must be
driven high after the eighth bit of the last address byte has been latched in; otherwise the 32KB Block
Erase (BE) command is not executed. As soon as CS# is driven high, the self-timed Block Erase cycle
(whose duration is tBE) is initiated. While the Block Erase cycle is in progress, the Status Register may be
read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the
self-timed Block Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset. A 32KB Block Erase (BE) command applied to a
block which is protected by the Block Protect (BP4, BP3, BP2, BP1, BP0) bits (see Table1 & 1.1) will not
be executed.
64KB Block Erase (BE) (D8H)
The 64KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable
(WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit. The
64KB Block Erase (BE) command is entered by driving CS# low, followed by the command code, and
three address bytes on SI. Any address inside the block is a valid address for the 64KB Block Erase (BE)
command. CS# must be driven low for the entire duration of the sequence.
Figure17. 32KB Block Erase Sequence Diagram
Figure17a. 32KB Block Erase Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com