Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 39 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 39 Page - M-System Co.,Ltd.

Back Button R7C Datasheet HTML 35Page - M-System Co.,Ltd. R7C Datasheet HTML 36Page - M-System Co.,Ltd. R7C Datasheet HTML 37Page - M-System Co.,Ltd. R7C Datasheet HTML 38Page - M-System Co.,Ltd. R7C Datasheet HTML 39Page - M-System Co.,Ltd. R7C Datasheet HTML 40Page - M-System Co.,Ltd. R7C Datasheet HTML 41Page - M-System Co.,Ltd. R7C Datasheet HTML 42Page - M-System Co.,Ltd. R7C Datasheet HTML 43Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 39/46
http://www.m-system.co.jp/
DISCRETE INPUT EXTENSION MODULE, 8 points
MODEL: R7C-EA8
SPECIFICATIONS
Common: Positive or negative common (NPN/PNP) per
8 points
Number of I/O: Input, 8 points
Maximum inputs applicable at once: No limit (at 24 V DC)
Input status indicator: LED turns ON with contact ON
Isolation: Input to internal circuits
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (input – COM) / ≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (input – COM) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
TERMINAL ASSIGNMENTS
6
NC
7
X1
8
X3
1
COM
2
X0
3
X2
9
X5
4
X4
10
X7
5
X6
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM Common
6
NC
No Connection
2
X0
Input 0
7
X1
Input 1
3
X2
Input 2
8
X3
Input 3
4
X4
Input 4
9
X5
Input 5
5
X6
Input 6
10
X7
Input 7
CIRCUIT DIAGRAM
Input Circuit
Control
Circuit
■ Input Circuit
1
10
X7
9
X5
8
X3
7
X1
5
X6
4
X4
3
X2
2
X0
COM
1
COM
2
X0
10
X7
Control
Circuit
■ Input Connection Examples
1
2
X0
COM
–
+
10
X7
PNP Connection
1
2
X0
COM
– +
10
X7
NPN Connection
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com