Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 23 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 23 Page - M-System Co.,Ltd.

Back Button R7C Datasheet HTML 19Page - M-System Co.,Ltd. R7C Datasheet HTML 20Page - M-System Co.,Ltd. R7C Datasheet HTML 21Page - M-System Co.,Ltd. R7C Datasheet HTML 22Page - M-System Co.,Ltd. R7C Datasheet HTML 23Page - M-System Co.,Ltd. R7C Datasheet HTML 24Page - M-System Co.,Ltd. R7C Datasheet HTML 25Page - M-System Co.,Ltd. R7C Datasheet HTML 26Page - M-System Co.,Ltd. R7C Datasheet HTML 27Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 23/46
http://www.m-system.co.jp/
REMOTE CONTROL RELAY CONTROL MODULE
MODEL: R7C-RR4
RECOMMENDED PRODUCTS (OPERATION CHECKED)
Remote control relay:
BR-12D, BR-22D (Mitsubishi Electric)
WR6165 (Panasonic)
Remote control transformer:
BRT-10B, BRT-20B (Mitsubishi Electric)
WR2301 (Panasonic)
SPECIFICATIONS
Common: 1 common per 4 points (4 terminals)
Number of I/O: Output, 4 points
Maximum outputs applicable at once: No limit
I/O status indicator: Feedback input status turns on with the
input supplied.
Output status LED turns on with the output ON.
Isolation: Output to power input to CC-Link or FG
CC-Link: Conforms to Version 1.10
Station type: Remote I/O
Data allocation: 1
Rated load voltage: 24 V AC ±10 % (supplied by the remote
control transformer)
Load voltage frequency: 50 / 60 Hz
OPERATING MODE SETTING
Each output is set with 2 bits. Output setting is explained on
the table below.
NO.
BIT
SETTING
FUNCTION
Output 0
8, 9
0, 0
No operation
1, 0
Output 0 ON
0, 1
Output 0 OFF
1, 1
Invalid
Output 1
10, 11
0, 0
No operation
1, 0
Output 1 ON
0, 1
Output 1 OFF
1, 1
Invalid
Output 2
12, 13
0, 0
No operation
1, 0
Output 2 ON
0, 1
Output 2 OFF
1, 1
Invalid
Output 3
14, 15
0, 0
No operation
1, 0
Output 3 ON
0, 1
Output 3 OFF
1, 1
Invalid
Do not set both bits 1. If the 2 bits are simultaneously 1, the
module will not operate normally.
For repeating the output of ON pulse, after setting (0, 0), set
(1, 0) once again.
TERMINAL ASSIGNMENTS
10
5
6
1
2
7
8
9
3
4
Y3
C3
NC
NC
C0
Y0
Y1
Y2
C1
C2
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
6
NC
No connection
2
C0
Common 0
7
Y0
Output 0
3
C1
Common 1
8
Y1
Output 1
4
C2
Common 2
9
Y2
Output 2
5
C3
Common 3
10
Y3
Output 3
CIRCUIT DIAGRAM
Caution: FG terminal is NOT a protective conductor
terminal.
4
1
2
5
3
6
7
3
7
2
8
1
6
5
9
4
10
Y0
C0
Y1
C1
DA
DB
DG
SLD
FG
U(+)
V(–)
Y2
C2
Y3
C3
7
10
2
5
Y0
C3
C0
Y3
■ Output Connection Example
Control
Circuit
Com.
Circuit
Output Circuit
Remote Control
Transformer
blue
white
Remote Control
Relay
red
blue
Remote Control
Relay
red
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com