Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 27 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 27 Page - M-System Co.,Ltd.

Back Button R7C Datasheet HTML 23Page - M-System Co.,Ltd. R7C Datasheet HTML 24Page - M-System Co.,Ltd. R7C Datasheet HTML 25Page - M-System Co.,Ltd. R7C Datasheet HTML 26Page - M-System Co.,Ltd. R7C Datasheet HTML 27Page - M-System Co.,Ltd. R7C Datasheet HTML 28Page - M-System Co.,Ltd. R7C Datasheet HTML 29Page - M-System Co.,Ltd. R7C Datasheet HTML 30Page - M-System Co.,Ltd. R7C Datasheet HTML 31Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 27/46
http://www.m-system.co.jp/
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Input Circuit
Comm.
Circuit
Control
Circuit
4
10
7
6
3
2
5
1
0V
24V DC
FG
SLD
DG
DB
DA
+IN0
■ Input Connection Example
+INn
–INn
+CJn
–CJn
11
–IN0
1
+CJ0
2
–CJ0
+IN1
–IN1
+CJ1
–CJ1
+IN2
–IN2
+CJ2
–CJ2
+IN3
–IN3
+CJ3
–CJ3
INPUT 0
Input Circuit
12
13
3
4
INPUT 1
Input Circuit
15
16
6
7
INPUT 2
Input Circuit
17
18
8
14
9
5
INPUT 3
T/C
+
–
CJC
SENSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com