Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 12 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 12 Page - M-System Co.,Ltd.

Back Button R7C Datasheet HTML 8Page - M-System Co.,Ltd. R7C Datasheet HTML 9Page - M-System Co.,Ltd. R7C Datasheet HTML 10Page - M-System Co.,Ltd. R7C Datasheet HTML 11Page - M-System Co.,Ltd. R7C Datasheet HTML 12Page - M-System Co.,Ltd. R7C Datasheet HTML 13Page - M-System Co.,Ltd. R7C Datasheet HTML 14Page - M-System Co.,Ltd. R7C Datasheet HTML 15Page - M-System Co.,Ltd. R7C Datasheet HTML 16Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 12/46
http://www.m-system.co.jp/
0
15
Input 0 (Burnout, input range error)
Input 1 (Burnout, input range error)
Input 2 (Burnout, input range error)
Unused
Input 3 (Burnout, input range error)
Input 0 (ADC error)
Input 1 (ADC error)
Input 2 (ADC error)
Input 3 (ADC error)
:
Unused
Burnout, input range error (≤-15%, ≥+115%)
0 : Normal
1 : Error
ADC error (no response from ADC)
0 : Normal
1 : Error
■ STATUS
Analog input modules without extension module (models: R7C-SV4, R7C-TS4, R7C-RS4, R7C-RT4A, R7C-MS4, R7C-CT4E)
can show input status of each channel. Analog output modules (models: R7C-YV2, R7C-YV4, R7C-YS2, R7C-YS4), discrete I/O
modules (models: R7C-DA16, R7C-DCx, R7C-RR4) and Totalized pulse input module (R7C-PA8) show '0' at the same address.
EXTENSION MODULE
A ‘basic’ module can be attached with one ‘extension’ module. The extension module is powered from the basic module.
By combining two modules, single station can handle mixed analog and discrete signals, 32-point discrete inputs, 32-point
discrete outputs, 16-point discrete I/Os and other combinations of signals.
■ MODULE COMBINATIONS
(Basic module: Extension modules)
R7C-DA16: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-DC16A*1: R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-DC16B*1: R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-DC8C*2: ----
R7C-DC8E*1:R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-RR4*2: ----
R7C-SV4: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-TS4: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-RS4: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-RT4A: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-MS4: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-CT4E: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-PA8: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-YV2: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-YV4*2: ----
R7C-YS2: R7C-EA8, R7C-EA16, R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C
R7C-YS4*2: ----
*1. Not usable with R7C-EA8 or R7C-EA16.
*2. Not usable with 'Extension' modules.
■ OUTPUT AT THE LOSS OF COMMUNICATION
• For the extension module R7C-DA16, R7C-DC16x or R7C-DC8E
The extension modules (R7C-EC8A, R7C-EC16A, R7C-EC8B, R7C-EC16B, R7C-EC8C) are set to ‘Reset Output’ or ‘Hold Output’
according to the setting of SW1-5 of the module.
• For the extension module other than R7C-DA16, R7C-DC16x or R7C-DC8E
The extension module is set to ‘Hold Output’ by factory default setting. The PC Configurator software is used to change the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com