Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button R7C Datasheet HTML 3Page - M-System Co.,Ltd. R7C Datasheet HTML 4Page - M-System Co.,Ltd. R7C Datasheet HTML 5Page - M-System Co.,Ltd. R7C Datasheet HTML 6Page - M-System Co.,Ltd. R7C Datasheet HTML 7Page - M-System Co.,Ltd. R7C Datasheet HTML 8Page - M-System Co.,Ltd. R7C Datasheet HTML 9Page - M-System Co.,Ltd. R7C Datasheet HTML 10Page - M-System Co.,Ltd. R7C Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 7/46
http://www.m-system.co.jp/
I ENGINEERING UNIT CONVERSION
Engineering unit value °C or K is multiplied by 10 and expressed in 16 bits. °F data is represented in engineering unit
value, without multiplication. Engineering unit value A is multiplied by 100 or 1000, expressed in 16 bits. Negative value
is represented in 2 s complements.
• Input TYPE K Thermocouple
≤ -272°C
-150°C
1370°C
≥ 1472°C
Input Value
-2720
-1500
13700
14720
Converted Data, Decimal
F560
FA24
3584
3980
Converted Data, Hex
14720 (3980)
13700 (3584)
-272 -150
-1500 (FA24)
-2720 (F560)
1370
1472
(°C)
■ COUNT VALUE
The count value is 32-bit data. It is divided in 2 words of 16 bits represented with 2 addresses.The lower address is
allocated in the lower word (LSB) and the upper address in the upper word (MSB). The count value is 0 - 4 294 967 295.
The maximum count value available is 1 000 - 4 294 967 295. In case of overflow, the vaule is reset to 0 or 1
(configurable) from which the count will restart. The preset of the count value is also available. Use the R7CON or
commands for the configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com