Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 13 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 13 Page - M-System Co.,Ltd.

Back Button R7C Datasheet HTML 9Page - M-System Co.,Ltd. R7C Datasheet HTML 10Page - M-System Co.,Ltd. R7C Datasheet HTML 11Page - M-System Co.,Ltd. R7C Datasheet HTML 12Page - M-System Co.,Ltd. R7C Datasheet HTML 13Page - M-System Co.,Ltd. R7C Datasheet HTML 14Page - M-System Co.,Ltd. R7C Datasheet HTML 15Page - M-System Co.,Ltd. R7C Datasheet HTML 16Page - M-System Co.,Ltd. R7C Datasheet HTML 17Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 13/46
http://www.m-system.co.jp/
setting to ‘Reset Output.’
CONNECTING THE EXTENSION MODULE
1) Remove the extension connector cover located at the side of the basic module.
2) Connect the extension module.
3) Mount the combined module on a DIN rail.
EXTERNAL DIMENSIONS unit: mm (inch)
■ BASIC MODULE
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
• R7C-TS4
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
115 (4.53)
7–M3 SCREW
TERMINALS
for CC-Link, POWER
18–M3 SCREW
TERMINALS for I/O
6 (.24)
6 (.24)
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com