Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 45 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 45 Page - M-System Co.,Ltd.

Back Button R7C Datasheet HTML 38Page - M-System Co.,Ltd. R7C Datasheet HTML 39Page - M-System Co.,Ltd. R7C Datasheet HTML 40Page - M-System Co.,Ltd. R7C Datasheet HTML 41Page - M-System Co.,Ltd. R7C Datasheet HTML 42Page - M-System Co.,Ltd. R7C Datasheet HTML 43Page - M-System Co.,Ltd. R7C Datasheet HTML 44Page - M-System Co.,Ltd. R7C Datasheet HTML 45Page - M-System Co.,Ltd. R7C Datasheet HTML 46Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 45/46
http://www.m-system.co.jp/
RELAY CONTACT OUTPUT EXTENSION MODULE
MODEL: R7C-EC8C
SPECIFICATIONS
Common: 1 common per 4 points (4 terminals)
Common current: Max. 8 A (4 terminals)
Number of I/O: Relay contact output, 8 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Output status indicator: LED turns ON with contact ON
Isolation: Output to internal circuits
Relay driving power: 24 V DC ±10 %, ≥ 60 mA
Rated load: 250 V AC @2 A (cos ø = 1)
30 V DC @2 A (resistive load)
Electrical life 105 cycles (rate 30/min.)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 500 VA or 60 W
Minimum load: 24 V DC @5 mA
Mechanical life: 2 × 107 cycles (rate 300/min.)
When driving an inductive load, external contact protection
and noise quenching are recommended.
ON delay: ≤ 10 msec.
OFF delay: ≤ 10 msec.
TERMINAL ASSIGNMENTS
10
+24 V
11
Y0
12
Y1
1
0 V
2
COM0
3
COM0
13
Y2
4
COM0
14
Y3
5
COM0
15
Y4
6
COM1
16
Y5
7
COM1
17
Y6
8
COM1
9
COM1
18
Y7
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
0 V
0 V
10
+24 V 24 V DC
2
COM0 Common 0
11
Y0
Output 0
3
COM0 Common 0
12
Y1
Output 1
4
COM0 Common 0
13
Y2
Output 2
5
COM0 Common 0
14
Y3
Output 3
6
COM1 Common 1
15
Y4
Output 4
7
COM1 Common 1
16
Y5
Output 5
8
COM1 Common 1
17
Y6
Output 6
9
COM1 Common 1
18
Y7
Output 7
CIRCUIT DIAGRAM
10
14
1
2
5
11
+24V
24 V DC
Y0
0V
+
Y3
COM0
COM0
+ –
+
–
18
6
9
15
Y4
Y7
COM1
COM1
+ –
+
–
10
14
1
2
5
11
+24V
24 V DC
Y0
0V
+ –
Y3
15
Y4
18
Y7
COM0
COM0
6
9
COM1
COM1
+ –
+
–
–
Control
Circuit
10
5
1
2
6
4
7
13
8
9
14
12
15
11
16
17
18
COM0
COM0
COM0
Y0
Y1
Y2
Y3
COM0
COM1
COM1
COM1
0V
Y4
Y5
Y6
Y7
COM1
3
Ry
Ry
Ry
Ry
Ry
Ry
Ry
Ry
■ Output Connection Example
4 points / common
8 points / common
+24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com