Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7C Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7C
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7C Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7C Datasheet HTML 1Page - M-System Co.,Ltd. R7C Datasheet HTML 2Page - M-System Co.,Ltd. R7C Datasheet HTML 3Page - M-System Co.,Ltd. R7C Datasheet HTML 4Page - M-System Co.,Ltd. R7C Datasheet HTML 5Page - M-System Co.,Ltd. R7C Datasheet HTML 6Page - M-System Co.,Ltd. R7C Datasheet HTML 7Page - M-System Co.,Ltd. R7C Datasheet HTML 8Page - M-System Co.,Ltd. R7C Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 2/46
http://www.m-system.co.jp/
[2] OPTIONS
STANDARDS & APPROVALS
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
(UL not available)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
The R7C interfaces analog and discrete I/O signals with a
PLC via CC-Link.
A ‘basic’ module can be attached with an ‘extension’
module. (Exceptions: refer to the I/O type specifications) By
combining two modules, single station can handle mixed
analog and discrete signals, 32-point discrete inputs, 32-
point discrete outputs, 16-point discrete I/Os and other
combinations of signals. Only the combination of basic
discrete output and extension discrete input modules is not
available.
Input sensor type (thermocouple, RTD) and range can be
selected with the front DIP switches for all channels. In
order to set different selections for individual channels,
zero/span adjustments, scaling and temperature unit, use
the PC Configurator Software (model: R7CON)
RELATED PRODUCTS
• PC configurator software (model: R7CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Clamp-on current sensor (model: CLSE)
For R7C-CT4E, the clamp-on current sensors must be
ordered separately. Required number depends upon the
channel number.
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
(Not provided for models terminating resistor incorporated)
GENERAL SPECIFICATIONS
• Common Specifications
Power input:
24 V AC ±10 % (50 / 60 Hz)
24 V DC ±10 %; ripple 10 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(between isolated circuits)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Storage temperature: -20 to +65°C (-4 to +149°F)
Mounting: DIN rail (35 mm wide)
Connection: M3 separable screw terminals
(torque 0.5 N·m)
Screw terminal material: Nickel-plated steel
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG22 to 16)
Housing material: Flame-resistant resin (gray)
Status indicator LED: PWR (Refer to the instruction manual
for details)
■ DC Power Current Consumption & Weight
R7C-DA16: Approx. 60 mA, 200 g (0.44 lb)
R7C-DC16A: Approx. 75 mA, 200 g (0.44 lb)
R7C-DC16B: Approx. 75 mA, 200 g (0.44 lb)
R7C-DC8C: Approx. 60 mA (approx. 60 mA), 200 g (0.44 lb)
R7C-DC8E: Approx. 60 mA (approx. 60 mA), 200 g (0.44 lb)
R7C-RR4: Approx. 65 mA, 170 g (0.37 lb)
R7C-SV4: Approx. 90 mA, 200 g (0.44 lb)
R7C-TS4: Approx. 90 mA, 200 g (0.44 lb)
R7C-RS4: Approx. 90 mA, 200 g (0.44 lb)
R7C-RT4A: Approx. 95 mA, 200 g (0.44 lb)
R7C-MS4: Approx. 110 mA, 200 g (0.44 lb)
R7C-CT4E: Approx. 140 mA, 200 g (0.44 lb)
R7C-PA8: Approx. 70 mA, 200 g (0.44 lb)
R7C-YV2: Approx. 140 mA, 180 g (0.40 lb)
R7C-YV4: Approx. 90 mA, 180 g (0.40 lb)
R7C-YS2: Approx. 140 mA, 180 g (0.40 lb)
R7C-YS4: Approx. 160 mA, 180 g (0.40 lb)
R7C-EA8: Approx. 10 mA, 90 g (0.20 lb)
R7C-EA16: Approx. 20 mA, 150 g (0.33 lb)
R7C-EC8A: Approx. 10 mA, 90 g (0.20 lb)
R7C-EC16A: Approx. 20 mA, 150 g (0.33 lb)
R7C-EC8B: Approx. 10 mA, 90 g (0.20 lb)
R7C-EC16B: Approx. 20 mA, 150 g (0.33 lb)
R7C-EC8C: Approx. 40 mA, 150 g (0.33 lb)
The consumed current of supply power for the output is
shown in ().
■ AC Power Current Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com