Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7D-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 7Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 8Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 3/46
http://www.m-system.co.jp/
R7C-RR4: Approx. 100 mA
R7C-PA8: Approx. 130 mA
R7C-YV4: Approx. 180 mA
R7C-YS4: Approx. 280 mA
■ Station Type
R7C-DA16: Remote I/O
R7C-DC16A: Remote I/O
R7C-DC16B: Remote I/O
R7C-DC8C: Remote I/O
R7C-DC8E: Remote I/O
R7C-RR4: Remote I/O
R7C-SV4: Remote device
R7C-TS4: Remote device
R7C-RS4: Remote device
R7C-RT4A: Remote device
R7C-MS4: Remote device
R7C-CT4E: Remote device
R7C-PA8: Remote device
R7C-YV2: Remote device
R7C-YV4: Remote device
R7C-YS2: Remote device
R7C-YS4: Remote device
■ Recommended solderless terminal
3.3 (.13) max
mm (inch)
CC-Link COMMUNICATION
CC-Link: Ver.1.10
Network cable: CC-Link cable designated by Mitsubishi
Electric
Station address setting: 1 - 64 (rotary switch, default:00)
Baud rate setting: 156 kbps (default), 625 kbps, 2.5 Mbps,
5 Mbps, 10 Mbps (rotary switch)
Status indicator LEDs: RUN, ERR, SD, RD
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
(Only R7C-DC8C conforms to it. Refer to the instruction
manual for the detailed information.)
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to power: Basic insulation (150 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com