Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 30 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 30 Page - M-System Co.,Ltd.

Back Button R7D-DA16-R Datasheet HTML 26Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 27Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 28Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 29Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 30Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 31Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 32Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 33Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 34Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 30/46
http://www.m-system.co.jp/
THERMISTOR INPUT MODULE, 4 points
MODEL: R7C-RT4A
SPECIFICATIONS
Isolation: Input 0 to input 1 to input 2 to input 3 to power
input to CC-Link or FG
CC-Link: Conforms to Version 1.10
Station type: Remote device
Data allocation: 1
Converted data range: Engineering unit value (°C, K) × 10
(integer); No multiplication for °F
Thermistor: 502AT-11/502AT-2 (SEMITEC Corporation)
Excitation: Approx. 4.5 V DC (sensing resistance 15.8 kΩ)
Input resistance: ≥ 1 MΩ
Burnout response time: ≤ 2 sec.
Conversion accuracy: ±0.5°C (±0.9°F)
Conversion rate: 250 msec. or 500 msec.
Response time: Conversion rate × 2 + 50 msec. (0 – 90 %)
Temperature coefficient: ±0.15 %/°C (±0.08 %/°F)
THERMISTOR
-50
-58
+110
+230
-40 to +90
-40 to +194
502AT-11
502AT-2
(°C)
(°F)
BURNOUT INDICATION
CONFORMANCE RANGE
Downscale
Upscale
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-5, 1-6, 1-7, 1-8 are unused. Be sure to turn
off unused ones.
• Conversion Rate (SW1-3)
SW1-3 Conversion rate
OFF
250 msec. (*)
ON
500 msec.
• Burnout (SW1-4)
SW1-4 Burnout
OFF
Upscale (*)
ON
Downscale
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
10
INA0
11
NC
12
INA1
1
NC
2
INB0
3
NC
13
NC
4
INB1
14
NC
5
NC
15
INA2
6
NC
16
NC
7
INB2
17
INA3
8
NC
9
INB3
18
NC
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
INA0 Thermistor 0-A
2
INB0 Thermistor 0-B
11
3
NC
No connection
12
INA1 Thermistor 1-A
4
INB1 Thermistor 1-B
13
5
NC
No connection
14
NC
No connection
6
NC
No connection
15
INA2 Thermistor 2-A
7
INB2 Thermistor 2-B
16
8
NC
No connection
17
INA3 Thermistor 3-A
9
INB3 Thermistor 3-B
18
No connection
No connection
No connection
No connection
NC
NC
NC
NC
CIRCUIT DIAGRAM
Caution: FG terminal is NOT a protective conductor
terminal.
Input Circuit
Comm.
Circuit
Control
Circuit
4
10
7
6
3
2
5
1
0V
24V DC
FG
SLD
DG
DB
DA
INA0
■ Input Connection Example
INAn
INBn
2
INB0
INPUT 0
INA1
INB1
INPUT 1
INA2
INB2
INPUT 2
INA3
INB3
INPUT 3
Input Circuit
12
4
Input Circuit
15
7
Input Circuit
17
9
1
3
5
11
6
8
13
18
14
16
Thermistor
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com