Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 17 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 17 Page - M-System Co.,Ltd.

Back Button R7D-DA16-R Datasheet HTML 13Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 14Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 15Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 16Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 17Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 18Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 19Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 20Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 21Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 17/46
http://www.m-system.co.jp/
NPN TRANSISTOR OUTPUT MODULE, 16 points
MODEL: R7C-DC16A
SPECIFICATIONS
Common: Negative common (NPN) per 16 points
Number of I/O: Output, 16 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Output status indicator: LED turns ON with contact ON
Isolation: Output to power input to CC-Link or FG
CC-Link: Conforms to Version 1.10
Station type: Remote I/O
Data allocation: 1
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.25 A per point, 2.0 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.5 msec.
(When driving an inductive load, connect a diode in parallel
with the load.)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-6, 1-7, 1-8 are unused. Be sure to turn off
unused ones.
• Output at the Loss of Communication (SW1-5)
SW1-5 Output at the loss of communication
OFF
Reset the output (turned off)
ON
Hold the output (*)
(maintains the last data received normally)
• Extension (SW1-1, 1-2, 1-3, 1-4)
SW1-1 SW1-2
SW1-3 SW1-4 Extension
OFF
ON
OFF
OFF
No extension (*)
OFF
ON
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
10
+24V
11
Y1
12
Y3
1
0V
2
Y0
3
Y2
13
Y5
4
Y4
14
Y7
5
Y6
15
Y9
6
Y8
16
YB
7
YA
17
YD
8
YC
9
YE
18
YF
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
0 V
0 V (common)
10
+24 V 24 V DC
2
Y0
Output 0
11
Y1
Output 1
3
Y2
Output 2
12
Y3
Output 3
4
Y4
Output 4
13
Y5
Output 5
5
Y6
Output 6
14
Y7
Output 7
6
Y8
Output 8
15
Y9
Output 9
7
YA
Output 10
16
YB
Output 11
8
YC
Output 12
17
YD
Output 13
9
YE
Output 14
18
YF
Output 15
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Output Circuit
Comm.
Circuit
Control
Circuit
■ Output Circuit
10
17
18
1
YD
16 YB
0V
YF
15 Y9
14 Y7
13 Y5
12 Y3
11 Y1
9 YE
8 YC
7 YA
6 Y8
5 Y6
4 Y4
3
4
7
6
3
2
5
1
Y2
+24V
Y0
0V
24V DC
FG
SLD
DG
DB
DA
2
2
+24V
10
Y0
18 YF
1 0V
Control
Circuit
■ Output Connection Example
10
1
0V
+24V
+
–
2
Y0
18
YF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com