Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 31 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 31 Page - M-System Co.,Ltd.

Back Button R7D-DA16-R Datasheet HTML 27Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 28Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 29Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 30Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 31Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 32Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 33Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 34Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 35Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 31/46
http://www.m-system.co.jp/
POTENTIOMETER INPUT MODULE, 4 points
MODEL: R7C-MS4
SPECIFICATIONS
Isolation: Input 0 to input 1 to input 2 to input 3 to power
input to CC-Link or FG
CC-Link: Conforms to Version 1.10
Station type: Remote device
Data allocation: 1
Converted data range: 0 – 10000 of the input range
Potentiometer: Total resistance 100 Ω – 20 kΩ
Minimum span: 50 % of total resistance
Excitation: Approx. 0.2 V DC
Conversion rate / conversion accuracy:
10 msec./±0.8 %, 20 msec./±0.4 %, 40 msec./±0.2 %,
80 msec./±0.1 %
Response time: Conversion rate × 2 + 50 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-5, 1-6, 1-7, 1-8 are unused. Be sure to turn
off unused ones.
• Conversion Rate / Accuracy (SW1-3, 1-4)
SW1-3 SW1-4 Conversion rate / Accuracy
OFF
OFF
80 msec. / ±0.1% (*)
ON
OFF
40 msec. / ±0.2%
OFF
ON
20 msec. / ±0.4%
ON
ON
10 msec. / ±0.8%
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
10
H0
11
S0
12
H1
1
NC
2
L0
3
NC
13
S1
4
L1
14
NC
5
NC
15
H2
6
NC
16
S2
7
L2
17
H3
8
NC
9
L3
18
S3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
H0
Pot H0
2
L0
Pot L0
11
S0
Pot S0
3
NC
No connection
12
H1
Pot H1
4
L1
Pot L1
13
S1
Pot S1
5
NC
No connection
14
NC
No connection
6
NC
No connection
15
H2
Pot H2
7
L2
Pot L2
16
S2
Pot S2
8
NC
No connection
17
H3
Pot H3
9
L3
Pot L3
18
S3
Pot S3
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Input Circuit
Comm.
Circuit
Control
Circuit
4
10
7
6
3
2
5
1
0V
24V DC
FG
SLD
DG
DB
DA
H0
Hn
11
S0
2
L0
INPUT 0
H1
S1
L1
INPUT 1
H2
S2
L2
INPUT 2
H3
S3
L3
INPUT 3
Input Circuit
12
13
4
Input Circuit
15
16
7
Input Circuit
17
18
9
1
3
5
14
6
8
Exc.
Exc.
Exc.
Exc.
■ Input Connection Example
Sn
Ln
3
2
1
POTENTIOMETER
max.
min.
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com