Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7D-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 7Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 8Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 1/46
http://www.m-system.co.jp/
Remote I/O R7 Series
CC-Link I/O MODULE
ORDERING INFORMATION
• Basic module: R7C-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. R7C-DC16A-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
If you need factory setting, use Ordering Information Sheet
(No. ESU-7801-x).
• Extension module: R7C-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R7C-EC16A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
BASIC MODULE: R7C–[1]–[2][3]
[1] I/O TYPE
DA16: Discrete input, 16 points
DC16A: NPN transistor output, 16 points
(Not usable with R7C-EA8 or R7C-EA16)
DC16B: PNP transistor output, 16 points
(Not usable with R7C-EA8 or R7C-EA16)
DC8C: Relay contact output, 8 points
(Option /UL Not selectable)
(Not usable with ‘extension’ modules)
DC8E: Relay contact output, 8 points
(CE not available. Option /UL Not selectable)
(Not usable with R7C-EA8 or R7C-EA16)
(Terminating resistor incorporated)
RR4: Remote control relay control, 4 points
(CE not available. Option /UL Not selectable)
(Not usable with ‘extension’ modules)
(Terminating resistor incorporated)
SV4: DC voltage/current input (10 V/20 mA), 4 points
TS4: Thermocouple input, 4 points
RS4: RTD input, 4 points
RT4A: Thermistor input , 4 points
(CE not available. Option /UL Not selectable)
MS4: Potentiometer input, 4 points
(Option /UL Not selectable)
CT4E: AC current input, 4 points,
Clamp-on current sensor CLSE use
(Option /UL Not selectable)
PA8: Totalized pulse input, 8 points,
(CE not available, option /UL Not selectable)
(Terminating resistor incorporated)
YV2: DC voltage output, 2 points
YV4:DC voltage output, 4 points
(Option /UL not selectable)
(Not usable with ‘extension’ modules)
(Terminating resistor incorporated)
YS2: DC current output, 2 points
YS4: DC current output, 4 points
(Option /UL not selectable)
(Not usable with ‘extension’ modules)
(Terminating resistor incorporated)
[2] POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Universal
AR: 24 V AC/24 V DC (Only for R7C-RR4, PA8, YV4 and YS4)
(Operational voltage range 24 V AC±10 %, 50 - 60 Hz /
24 V DC±10 %, ripple 10 %p-p max.)
(CE not available)
[3] OPTIONS
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
(UL not available)
EXTENSION MODULE: R7C–[1][2]
[1] I/O TYPE
EA8: Discrete input, 8 points
EA16: Discrete input, 16 points
EC8A: NPN transistor output, 8 points
EC16A: NPN transistor output, 16 points
EC8B: PNP transistor output, 8 points
EC16B: PNP transistor output, 16 points
EC8C: Relay contact output, 8 points
(CE not available. Option /UL Not selectable)


Similar Part No. - R7D-DA16-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7D-DA16 MSYSTEM-R7D-DA16 Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7D-DA16/Q MSYSTEM-R7D-DA16/Q Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7D-DA16/UL MSYSTEM-R7D-DA16/UL Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
More results

Similar Description - R7D-DA16-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7HL MSYSTEM-R7HL Datasheet
1Mb / 55P
Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
R7L MSYSTEM-R7L Datasheet
608Kb / 26P
Remote I/O R7 Series LonWorks I/O MODULE
R7M MSYSTEM-R7M Datasheet
1Mb / 39P
Remote I/O R7 Series MODBUS I/O MODULE
R7ML MSYSTEM-R7ML Datasheet
1Mb / 40P
Remote I/O R7 Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com