Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 33 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 33 Page - M-System Co.,Ltd.

Back Button R7D-DA16-R Datasheet HTML 29Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 30Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 31Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 32Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 33Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 34Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 35Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 36Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 37Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 33/46
http://www.m-system.co.jp/
TOTALIZED PULSE INPUT MODULE, 8 points
MODEL: R7C-PA8
SPECIFICATIONS
Common: Positive or negative common (NPN/PNP) per
8 points
Number of I/O: Input, 8 points
Pulse Input status indicator: LED turns ON with contact ON
Isolation: Input to power input to CC-Link or FG
CC-Link: Conforms to Version 1.10
Station type: Remote device
Data allocation: 1 or 4
■ External excitation (PNP, NPN input)
Sensing voltage: 24 V DC ±10 %; ripple 5 %p-p max
ON voltage / ON current: ≥ 16 V DC (input terminal - Cx) /
≤ 3.7 mA
OFF voltage / OFF current: ≤ 5 V DC (input terminal - Cx) /
≤ 1 mA
Voltage pulse input
ON voltage / ON current: ≥ 16 V DC (input terminal - Cx) /
≤ 3.7 mA
OFF voltage / OFF current: ≤ 5 V DC (input terminal - Cx) /
≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
Max. Frequency: 100 Hz (This unit is designed to be able to
accept a frequency up to 100 Hz, however,‘chattering’
contact must be avoided for accurate measuring of such
high frequency. Use relays that do not cause any
chattering.)
Minimum ON/OFF pulse requirements: 5 ms
Accumulated pulse count: 0 - 4 294 967 295
Max. accumulated pulse count: 1 000 - 4 294 967 295
(Factory default: 4 294 967 295)
Overflow: 0 or 1 (Factory default: 0)
OPERATING MODE SETTING
(*) Factory setting
Note: SW1-4 through SW1-8 are unused. Be sure to turn off
unused ones.
• Data Allocation (SW1-3)
SW1-3D
Data allocation
OFF
1 (*)
ON
4
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
14
5
6
PI3
C3
C4
15
PI4
16
17
18
7
8
9
PI5
PI6
PI7
C5
C6
10
1
2
V
+
V
− C0
11
PI0
12
13
3
4
PI1
PI2
C1
C2
C7
1
V –
Power (–)
10
V +
Power (+)
2
C 0
Common
11
PI0
Input 0
3
C 1
Common
12
PI1
Input 1
4
C 2
Common
13
PI2
Input 2
5
C 3
Common
14
PI3
Input 3
6
C 4
Common
15
PI4
Input 4
7
C 5
Common
16
PI5
Input 5
8
C 6
Common
17
PI6
Input 6
9
C 7
Common
18
PI7
Input 7
NO.
ID
FUNCTION
NO.
ID
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com