Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 35 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 35 Page - M-System Co.,Ltd.

Back Button R7D-DA16-R Datasheet HTML 31Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 32Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 33Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 34Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 35Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 36Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 37Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 38Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 39Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 35/46
http://www.m-system.co.jp/
DC VOLTAGE OUTPUT MODULE, 2 points
MODEL: R7C-YV2
SPECIFICATIONS
Isolation: Output 0 to output 1 to power input to CC-Link or
FG
CC-Link: Conforms to Version 1.10
Station type: Remote device
Data allocation: 1
Converted data range: 0 – 10000 of the output range
Output range
Wide span voltage: -10 – +10 V DC, -5 – +5 V DC,
0 – 10 V DC, 0 – 5 V DC, 1 – 5 V DC
Narrow span voltage: -1 – +1 V DC, 0 – 1 V DC,
-0.5 – +0.5 V DC
Operational range: -11.5 – +11.5 V DC or -15 – +115 %
Load resistance: ≥ 100 kΩ
Conversion accuracy: ±0.1 %
Response time: 250 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-3 is unused. Be sure to turn off unused
ones.
• Output Range (SW1-5, 1-6, 1-7, 1-8)
SW1-5 SW1-6 SW1-7 SW1-8
Output range
OFF
OFF
OFF
OFF
-10 – +10 V DC (*)
ON
OFF
OFF
OFF
-5 – +5 V DC
OFF
ON
OFF
OFF
-1 – +1 V DC
ON
ON
OFF
OFF
0 – 10 V DC
OFF
OFF
ON
OFF
0 – 5 V DC
ON
OFF
ON
OFF
1 – 5 V DC
OFF
ON
ON
OFF
0 – 1 V DC
ON
ON
ON
OFF
-0.5 – +0.5 V DC
ON
ON
ON
ON
PC Configurator setting
• Output at the Loss of Communication (SW1-4)
SW1-4
Output at the loss of communication
OFF
Reset the output (to -15% or approx. -11.5V DC)
ON
Hold the output (*)
(maintains the last data received normally)
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
TERMINAL ASSIGNMENTS
6
NC
7
VH0
8
VL0
1
NC
2
COM0
3
COM0
9
VH1
4
COM1
10
VL1
5
COM1
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
6
NC
No connection
2
COM0 Common 0
7
VH0 Wide span volt. 0
3
COM0 Common 0
8
VL0 Narrow span volt. 0
4
COM1 Common 1
9
VH1 Wide span volt. 1
5
COM1 Common 1
10
VL1 Narrow span volt. 1
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Output Circuit
Comm.
Circuit
Control
Circuit
4
7
6
3
2
5
1
0V
24V DC
FG
SLD
DG
DB
DA
■ Output Connection Examples
7 VH0
8 VL0
2 COM0
3 COM0
OUTPUT 0
Output Circuit
9 VH1
10 VL1
4 COM1
5
1
6
COM1
OUTPUT 1
VHn
VLn
+
–
COMn
WIDE SPAN
VOLTAGE
VHn
VLn
+
–
COMn
NARROW SPAN
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com