Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DA16-R Datasheet(PDF) 20 Page - M-System Co.,Ltd.

Part # R7D-DA16-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DA16-R Datasheet(HTML) 20 Page - M-System Co.,Ltd.

Back Button R7D-DA16-R Datasheet HTML 16Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 17Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 18Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 19Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 20Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 21Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 22Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 23Page - M-System Co.,Ltd. R7D-DA16-R Datasheet HTML 24Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 20/46
http://www.m-system.co.jp/
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
10
14
1
2
5
11
+24V
24 V DC
Y0
0V
+
Y3
COM0
COM0
+ –
+
–
18
6
9
15
Y4
Y7
COM1
COM1
+ –
+
–
10
14
1
2
5
11
+24V
24 V DC
Y0
0V
+ –
Y3
15
Y4
18
Y7
COM0
COM0
6
9
COM1
COM1
+ –
+
–
–
Control
Circuit
4
1
2
5
3
DA
DB
DG
SLD
FG
6
7
0V
24V DC
Comm.
Circuit
10
5
1
2
6
4
7
13
8
9
14
12
15
11
16
17
18
COM0
COM0
COM0
Y0
Y1
Y2
Y3
COM0
COM1
COM1
COM1
0V
Y4
Y5
Y6
Y7
COM1
3
Ry
Ry
Ry
Ry
Ry
Ry
Ry
Ry
■ Output Connection Example
4 points / common
8 points / common
+24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com