Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 28 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 28 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 32Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
28
Fast Read Quad I/O with “8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Fast Read Quad I/O instruction can also be used to access a specific portion within a page by issuing
a “Set Burst with Wrap” (77h) instruction prior to EBh. The “Set Burst with Wrap” (77h) instruction can either
enable or disable the “Wrap Around” feature for the following EBh instructions. When “Wrap Around” is
enabled, the data being accessed can be limited to an 8, 16, 32 or 64-byte section of a 256-byte page. The
output data starts at the initial address specified in the instruction, once it reaches the ending boundary of
the 8/16/32/64- byte section, the output will wrap around to the beginning boundary automatically until /CS
is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then
fill the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read
instructions.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is used to enable
or disable the “Wrap Around” operation while W6-5 are used to specify the length of the wrap around
section within a page. Refer to Set Burst with Wrap (77h) for detail descriptions.
Figure14. Fast Read Quad I/O Instruction (Initial instruction or previous M5-
4≠10)
Figure15. Fast Read Quad I/O Instruction (Previous instruction set M5-4 = 10 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com