Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 29 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 29 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 33Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
29
Set Burst with Wrap (77h)
The Set Burst with Wrap (77h) instruction is used in conjunction with “Fast Read Quad I/O (EBh)”,
“instructions to access a fixed length of 8/16/32/64-byte section within a 256-byte page. Certain
applications can benefit from this feature and improve the overall system code execution performance.
Similar to a Quad I/O instruction, the Set Burst with Wrap instruction is initiated by driving the /CS pin low
and then shifting the instruction code “77h” followed by 24 dummy bits and 8 “Wrap Bits”, W7-0. The
instruction sequence is shown in Figure16. Wrap bit W7 and the lower nibble W3-0 are not used.
W6
W5
W4 = 0
W4 =1 (DEFAULT)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0
0
Yes
8-byte
No
N/A
0
1
Yes
16-byte
No
N/A
1
0
Yes
32-byte
No
N/A
1
1
Yes
64-byte
No
N/A
Once W6-4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O (EBh)”,
instructions will use the W6-4 setting to access the 8/16/32/64-byte section within any page. To exit the
“Wrap Around” function and return to normal read operation, another Set Burst with Wrap instruction should
be issued to set W4 = 1. The default value of W4 upon power on or after a software reset is 1.
ID and Power Instructions
Deep Power-down (B9h)
Although the standby current during normal operation is relatively low, standby current can be further
reduced with the Power-down instruction. The lower power consumption makes the Power-down
instruction
especially
useful
for
battery
powered
applications
(See
ICC1
and
ICC2
in
DC
Characteristics.)The instruction is initiated by driving the /CS pin low and shifting the instruction code “B9h”
as shown in Figure 17.
Figure16. Set Burst with Wrap Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com