Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 48 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 48 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 52Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
48
Enable Reset (66h) and Reset Device (99h)
Because of the small package and the limitation on the number of pins, the ACE25QC200GL provide a
software Reset instruction instead of a dedicated RESET pin. Once the Reset instruction is accepted, any
on-going internal operations will be terminated and the device will return to its default power-on state and
lose all the current volatile settings, such as Volatile Status Register bits, Write Enable Latch (WEL) status,
Program/Erase Suspend status, Continuous Read Mode bit setting (M7-M0) , Wrap Bit setting (W6-W4).
To avoid accidental reset, both instructions must be issued in sequence. Any other instructions other than
“Reset (99h)” after the “Enable Reset (66h)” instruction will disable the “Reset Enable” state. A new
sequence of “Enable Reset (66h)” and “Reset (99h)” is needed to reset the device. Once the Reset
instruction is accepted by the device, the device will take tRST to reset. During this period, no instruction
will be accepted.
Data corruption may happen if there is an on-going or suspended internal Erase or Program operation
when Reset instruction sequence is accepted by the device. It is recommended to check the WIP bit and
the SUS bit in Status Register before issuing the Reset instruction sequence.
Figure38. Enable Reset and Reset instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com