Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 57 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 57 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 61Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
57
AC Electrical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fR
Clock frequency for Normal Read Data instruction
33
MHz
fc, fc1
Clock frequency for Read instruction except Normal
Read Data instruction (05h,35h,0Bh,3Bh, 6Bh,BBh,
EBh,90h,92h,94h,9Fh,4Bh,48h,5Ah)
85
MHz
tCLH,
tCLL
(1)
Clock High, Low Time
5.5
ns
tCLCH
(2)
Clock Rise Time peak to peak
0.1
V/ns
tCHCL
(2)
Clock Fall Time peak to peak
0.1
V/ns
tSLCH, tCSS
/CS Active Setup Time relative to CLK
5
ns
tCHSL
/CS Not Active Hold Time relative to CLK
5
ns
tDVCH, tDSU
Data In Setup Time
2
ns
tCHDX, tDH
Data In Hold Time
3
ns
tSHQZ
(2), ,tDIS
Output Disable Time
6
ns
tCHSH, tCSS
/CS Active Hold Time relative to CLK
5
ns
tSHCH
/CS Not Active Setup Time relative to CLK
5
ns
tCLQV1, tV1
Clock Low to Output Valid
7
ns
tSHSL, tCSH
/CS Deselect Time from read to next Read
15
ns
/CS Deselect Time from Write, Erase, Program TO
Read status Register
30
ns
tCLQV, tV
Clock Low to Output Valid loading 30pF
7
ns
Clock Low to Output Valid loading 15pF
6
ns
tCLQX, tHO
Output Hold Time
0
ns
tHLCH
/HOLD Active Setup Time relative to CLK
5
ns
tCHHH
/HOLD Active Hold Time relative to CLK
5
ns
tHHCH
/HOLD Not Active Setup Time relative to CLK
5
ns
tCHHL
/HOLD Not Active Hold Time relative to CLK
5
ns
tHHQX
(2), tLZ
/HOLD to Output Low-Z
6
ns
tHLQZ
(2), tHZ
/HOLD to Output High-Z
6
ns
tWHSL
(3)
Write Protect Setup Time Before /CS Low
20
ns
tSHWL
(3)
Write Protect Hold Time After /CS High
100
ns
tDP
(2)
/CS High to Deep Power-down Mode
3
µs
tRES1
(2)
/CS High to Standby Mode without ID Read
8
µs
tRES2
(2)
/CS High to Standby Mode with ID Read
8
µs
tSUS
(2)
/CS High to next Instruction after Suspend
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com