Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 40 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 40 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 44Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
40
64KB Block Erase (D8h)
The 64KB Block Erase instruction sets all memory within a specified block (64K-bytes) to the erased state
of all 1s (FFh). A Write Enable instruction must be executed before the device will accept the 64KB Block
Erase Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin
low and shifting the instruction code “D8h” followed a 24-bit block address (A23-A0). And the address
A15-A0 is an unrelated item and has no effect on the result of the instruction. The 64KB Block Erase
instruction sequence is shown in Figure31.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the
64KB Block Erase instruction will not be executed. After /CS is driven high, the self- timed 64KB Block
Erase instruction will commence for a time duration of tBE2 (See AC Characteristics) . While the 64KB
Block Erase cycle is in progress, the Read Status Register instruction may still be accessed for checking
the status of the WIP bit. The WIP bit is a 1 during the 64KB Block Erase cycle and becomes a 0 when the
cycle is finished and the device is ready to accept other instructions again. After the 64KB Block Erase
cycle has finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0. The 64KB Block
Erase instruction will not be executed if the addressed page is protected by the Block Protect (BP4, BP3,
BP2, BP1, and BP0) bits.
Figure31. 64KB Block Erase Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com