Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 37 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 37 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 41Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
37
Quad Page Program (32h)
The Quad Page Program instruction allows up to 256 bytes of data to be programmed at previously erased
(FFh) memory locations using two pins: SI, SO, /WP, and /HOLD. The Quad Page Program can improve
performance for PROM Programmer and applications that have slow clock speeds <5MHz. Systems with
faster clock speed will not realize much benefit for the Quad Page Program instruction since the inherent
page program time is much longer than the time it take to clock-in the data.
To use Quad Page Program the Quad Enable (QE) bit in Status Register-2 must be set to 1. A Write Enable
instruction must be executed before the device will accept the Quad Page Program instruction (Status
Register-1, WEL=1). The instruction is initiated by driving the /CS pin low then shifting the instruction code
“32h” followed by a 24-bit address (A23-A0) and at least one data byte, into the IO pins. The /CS pin must
be held low for the entire length of the instruction while data is being sent to the device. All other functions
of Quad Page Program are identical to standard Page Program. The Quad Page Program instruction
sequence is shown in Figure27.
Figure27. Quad Input Page Program Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com