Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 33 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 33 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 37Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
33
Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer / Device ID Quad I/O instruction is an alternative to the Read Manufacturer /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID at
4x speed.
The Read Manufacturer / Device ID Quad I/O instruction can operate at the highest possible frequency of
fC (see AC Electrical Characteristics). The instruction is initiated by driving the /CS pin low and shifting the
instruction code “94h” followed by a 24-bit address (A23-A0) and six clock dummy cycles, but with the
capability to input the Address bits four bits per clock. After which, the Manufacturer ID for (68h) and the
Device ID are shifted out four bits per clock on the falling edge of SCLK with most significant bit (MSB) first
as shown in Figure22. The Device ID values for the ACE25QC200GL are listed in Manufacturer and Device
Identification table. The address A23-A1 and M7-M0 is an unrelated item and has no effect on the result of
the instruction. At the same time, if the A0 is initially set to 1 the Device ID will be read first and then
followed by the Manufacturer ID. If the A0 is initially set to 0 the Manufacturer ID will be read first and then
followed by the Device ID. The Manufacturer and Device IDs can be read continuously, alternating from
one to the other. The instruction is completed by driving /CS high.
Figure22. Read Manufacturer / Device ID Quad I/O Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com