Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GLTMTH Datasheet(PDF) 51 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 51 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 55Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
51
Table 10. Parameter Table (0): JEDEC Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Block/Sector Erase
Size
00: Reserved; 01: 4KB erase;
10: Reserved; 11: not support
4KB erase
30H
01:00
01b
E5H
Write Granularity
0: 1Byte, 1: 64Byte or larger
02
1b
Write Enable
Instruction
Requested for Writing
to Volatile Status
Registers
0: Nonvolatile status bit 1:
Volatile status bit (BP status
register bit)
0
0b
Write Enable
Instruction code
Select for Writing to
Volatile Status
Registers
0: Use 50H Instruction code,
1: Use 06H Instruction code,
Note: If target flash status
register is Nonvolatile, then
bits 3 and 4 must be set to
00b.
04
0b
Unused
Contains 111b and can never
be changed
07:05
111b
4KB Erase Instruction
code
31H
15:08
20H
20H
(1 -1 -2) Fast Read
0=Not support, 1=Support
32H
16
1b
F1H
Address Bytes
Number used in
addressing flash
array
00: 3Byte only, 01: 3 or 4Byte,
10: 4Byte only, 11: Reserved
18:17
00b
Double Transfer Rate
(DTR) clocking
0=Not support, 1=Support
19
0b
(1 -2-2) Fast Read
0=Not support, 1=Support
20
1b
(1 -4-4) Fast Read
0=Not support, 1=Support
21
1b
(1 -1 -4) Fast Read
0=Not support, 1=Support
22
1b
Unused
23
1b
Unused
33H
31:24
FFH
FFH
Flash Memory
Density
37H:34H
31:00
003FFFFFH
(1 -4-4) Fast Read
Number of Wait
states
00000b: Wait states (Dummy
Clocks) not support
38H
04:00
00100b
44H
(1 -4-4) Fast Read
Number of Mode Bits
000b:Mode Bits not support
07:05
010b
(1 -4-4) Fast Read
Instruction code
39H
15:08
EBH
EBH
(1 -1 -4) Fast Read
Number of Wait
states
00000b: Wait states (Dummy
Clocks) not support
3AH
20:16
01000b
08H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com