Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADCA3270ACEZ-R7 Datasheet HTML 1Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 2Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADCA3270
Data Sheet
Rev. 0 | Page 4 of 14
DISTORTION DATA (MIXED SIGNAL CHANNEL PLAN)
VCC = 24 V, TFLANGE = 35°C, and ZS = ZL = 75 Ω, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DISTORTION
TCP = 72.4 dBmV, the analog and digital channel plan
consists of 18 dB extrapolated tilt, 79 continuous wave
channels plus 111 digital channels, a National Television
System Committee (NTSC) frequency raster range of
55.25 MHz to 547.25 MHz, and −6 dB offset
Composite Triple Beat
CTB
−80
dBc
Defined by the National Cable and Telecommunications
Association (NCTA)
Composite Second-Order
CSO
−80
dBc
Defined by NCTA
Carrier to Intermodulation Noise
59
dB
Defined by American National Standard/Society of
Cable Telecommunications Engineers (ANSI/SCTE) 17
(test procedure for carrier to noise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com