Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADCA3270
Rev. 0 | Page 11 of 14
APPLICATIONS INFORMATION
ADCA3270 TEMPERATURE SENSE MONITOR
The ADCA3270 has an internally mounted, negative temperature
coefficient (NTC) thermistor that, when used as the bottom of a
resistive voltage divider, provides an output voltage that is
correlated to the ground temperature at the TPADDLE of the
LGA_CAV package. When configured as shown in Figure 16,
the typical relationship between VTSEN and TPADDLE results in
what is shown in Figure 17.
NTC
ADCA3270
3.3kΩ
5V
REFERENCE
VTSEN
8
Figure 16. Recommended NTC Configuration
95
90
85
80
75
65
70
60
55
50
45
40
35
30
25
20
0.6
0.8
1.0
1.4
1.6
1.8
1.2
2.0
2.2
2.4
VTSEN (V)
Figure 17. TPADDLE vs. VTSEN
THERMAL CONSIDERATIONS
The ADCA3270 is packaged in a thermally efficient, 9-terminal
chip array small outline no lead cavity [LGA_CAV]. The
thermal resistance from θJC is 2.9°C/W, where the case is defined
by the exposed paddle on the bottom of the package. For the
best thermal performance, it is recommended that as many
thermal vias as possible be added under the exposed paddle of
the LGA_CAV package. For optimal performance, it is
recommended that these vias be filled with a paste that has high
thermal conductivity. It is also recommended that the array of
vias under the ADCA3270 interface to an external heat sink
such as a pedestal on the system chassis.
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 18 shows the recommended land pattern for the
ADCA3270. To minimize thermal impedance, the exposed
paddle on the 9.00 mm × 8.00 mm LGA_CAV is soldered to a
ground plane along with Pin 2, Pin 3, and Pin 6. To improve
thermal dissipation, 188 thermal vias are arranged in an array
under the exposed paddle. The array consists of alternating
rows of 13 vias and 12 vias, maximizing the number of vias
within the area. The area under the paddle is also tied to ground
on the bottom layer of the PCB. If multiple ground layers exist,
tie these layers together by the vias. The external layer of the
PCB must be a minimum of 2 oz. copper. The minimum
average plated hole wall thickness of the vias must not be less
than 0.001 inch, and it is recommended that the vias be filled
with a conductive paste, such as Tatsuta AE3030, and plated
over. The full recommended PCB footprint design is shown in
Figure 19.
Figure 18. Recommended Land Pattern
For further information on optimizing the thermal performance
while using the ADCA3270, refer to the AN-1604 Application
Note, Thermal Management Calculations for RF Amplifiers in
LFCSP and Flange Packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com