Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADCA3270
Data Sheet
Rev. 0 | Page 12 of 14
Figure 19. Recommended PCB Layout (Dimensions Shown in Millimeters)
ADCA3270 BIAS CURRENT
The ADCA3270 employs a versatile circuit design, allowing
system designers to configure the supply voltage at the VCC
connection (Pin 7) and the bias control voltage (VBIAS) at the
RFIP (Pin 1) and RFIN (Pin 4) connections to optimize the
power dissipation in any given application. It is recommended
that the ICC be controlled by employing a precision 5 V reference
and a resistor divider (R1 and R2) to set ICC as illustrated in
Figure 20. The voltage is connected to each input through a ferrite
bead (FB1 and FB2). The dc output of the balun used to feed the
RF into the power amplifier must be blocked using a capacitor.
5V
REFERENCE
FB1
RFIP
RFIN
FB2
VBIAS
R2
R1
Figure 20. Setting the Bias Control Voltage
Figure 21 provides the typical transfer function of ICC to VBIAS,
which allows the user to adjust ICC from 380 mA to 480 mA.
480
470
450
410
430
350
370
390
460
420
440
360
380
400
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VBIAS (V)
Figure 21. ICC vs. VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com