Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADCA3270
Data Sheet
Rev. 0 | Page 14 of 14
OUTLINE DIMENSIONS
9.10
9.00
8.90
8.10
8.00
7.90
0.452
0.412
0.372
TOP VIEW
SIDE VIEW
BOTTOM VIEW
2.50 MAX
6.80 BSC
7.40 BSC
EXPOSED
PAD
PIN 1
INDICAT
A
A OR
0.18
Ø 0.15
0.12
VENT HOLE
4.00
BSC
4.00
BSC
1.95 REF
SEATING
PLANE
1.00
BSC
1.35
BSC
1.40
REF
1
4
9
5
0.10
REF
0.65
0.60 SQ
0.55
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 26. 9-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
9.00 mm × 8.00 mm Body and 2.50 mm Package Height
(CE-9-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADCA3270ACEZ
−30°C to +110°C
9-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
CE-9-2
ADCA3270ACEZ-R7
−30°C to +110°C
9-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
CE-9-2
ADCA3270-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D24276-7/21(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com