Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADCA3270
Data Sheet
Rev. 0 | Page 10 of 14
THEORY OF OPERATION
The ADCA3270 is a balanced amplifier packaged in a LGA_CAV.
The application circuit interfaces the ADCA3270 to a 75 Ω input
and output matched impedance consistent with a matched
module designed for CATV applications. The ADCA3270
uses cascode field effect transistor (FET) feedback amplifiers
in a Class A push pull configuration. The bottom half of the
cascode stages are implemented in a single die, linear FET process
that minimizes parasitics, thereby enabling higher gain. The
top devices in the cascodes are implemented using a linear
GaN process that is able to swing high RF voltages. The
frequency of operation is from 45 MHz to 1218 MHz.
The ADCA3270 is unconditionally stable for robust operation in
systems targeting DOCSIS 3.1 and legacy DOCSIS standards.
75Ω
75Ω
ADCA3270
Figure 15. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com