Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCA3270ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADCA3270
Rev. 0 | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 24 V, TPADDLE = 35°C, and ZS = ZL = 75 Ω, unless otherwise noted.
S-PARAMETERS
0
–40
45
1218
FREQUENCY (MHz)
–35
–30
–25
–20
–15
–10
–5
+85°C
+35°C
–30°C
200
400
600
800
1000
Figure 3. S11 vs. Frequency at Various Temperatures
30
28
24
26
22
20
+85°C
+35°C
–30°C
FREQUENCY (MHz)
45
1218
200
400
600
800
1000
Figure 4. S21 vs. Frequency at Various Temperatures
45
1218
200
400
600
800
1000
0
–40
–30
–35
–25
–15
–5
–20
–10
+85°C
+35°C
–30°C
FREQUENCY (MHz)
Figure 5. S12 vs. Frequency at Various Temperatures
0
–40
–30
–35
–25
–15
–5
–20
–10
+85°C
+35°C
–30°C
FREQUENCY (MHz)
45
1218
200
400
600
800
1000
Figure 6. S22 vs. Frequency at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com