Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADCA3270ACEZ-R7 Datasheet HTML 1Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 2Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADCA3270
Rev. 0 | Page 5 of 14
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VCC
DC Supply over Voltage (5 minute)
30 V
RF Input Voltage (RFINPUT), Single Tone
75 dBmV
Temperature
Operating Range, TPADDLE
−30°C to +110°C
Peak Reflow (Moisture Sensitivity Level
(MSL) 3
260°C
Junction (TJ) to Maintain 1 Million Hour
Mean Time to Failure (MTTF)
170°C
Nominal Junction (TJ)
TPADDLE = 110°C, ICC = 480 mA, VCC = 24 V
144°C
Storage (TS) Range
−40°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the thermal resistance from the operating portion of the
PHEMT device to the outside surface of the package closest to
the device mounting area (the exposed paddle on the bottom of
the case). See the Thermal Considerations section for additional
information.
Table 5. Thermal Resistance
Package Type
θJC1
Unit
CE-9-2
2.9
°C/W
1
Thermal resistance (θJC) is defined as between the TPADDLE and the internal
device junction (TJ).
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADCA3270
Table 6. ADCA3270, 6-Terminal LGA_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
500
Class 1B, passed
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com