Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3270ACEZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCA3270ACEZ-R7
Description  DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3270ACEZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCA3270ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3270ACEZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADCA3270
Rev. 0 | Page 9 of 14
18 dB TILT PERFORMANCE
18 dB extrapolated tilt and 190 digital channels (QAM256, ITU-T J.83, Annex B).
70
30
40
35
45
55
65
50
60
69
70
71
73
72
75
74
76
TOTAL COMPOSITE OUTPUT POWER (dBmV)
57MHz
111MHz
501MHz
999MHz
1215MHz
Figure 11. MER RMS vs. Total Composite Output Power at
Various Frequencies, 35°C, 18 dB Tilt
70
30
40
35
45
55
65
50
60
69
70
71
73
72
75
74
76
TOTAL COMPOSITE OUTPUT POWER (dBmV)
+85°C
+35°C
–30°C
Figure 12. MER RMS vs. Total Composite Output Power at
Various Temperatures, 57 MHz, 18 dB Tilt
69
70
71
73
72
75
74
76
TOTAL COMPOSITE OUTPUT POWER (dBmV)
57MHz
111MHz
501MHz
999MHz
1215MHz
1×10–2
1×10–10
1×10–8
1×10–9
1×10–7
1×10–5
1×10–3
1×10–6
1×10–4
Figure 13. PostViterbi BER vs. Total Composite Output Power at
Various Frequencies, 35°C, 18 dB Tilt
69
70
71
73
72
75
74
76
TOTAL COMPOSITE OUTPUT POWER (dBmV)
+85°C
+35°C
–30°C
1×10–2
1×10–10
1×10–8
1×10–9
1×10–7
1×10–5
1×10–3
1×10–6
1×10–4
Figure 14. PostViterbi BER vs. Total Composite Output Power at
Various Temperatures, 57 MHz, 18 dB Tilt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com