Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 10Page - NXP Semiconductors FXLS8967AF Datasheet HTML 11Page - NXP Semiconductors FXLS8967AF Datasheet HTML 12Page - NXP Semiconductors FXLS8967AF Datasheet HTML 13Page - NXP Semiconductors FXLS8967AF Datasheet HTML 14Page - NXP Semiconductors FXLS8967AF Datasheet HTML 15Page - NXP Semiconductors FXLS8967AF Datasheet HTML 16Page - NXP Semiconductors FXLS8967AF Datasheet HTML 17Page - NXP Semiconductors FXLS8967AF Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
aaa-040836
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
Sr
P
S
SDA
SDA
SCL
SCL
S
9th clock
1st clock cycle
9th clock
1 / fSCL
tLOW
tSET
tr
t
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
tVD:ACK
tBUF
tSP
tr
tHIGH
tVD:DAT
tHD:DAT
tr
continued
Figure 4. I2C secondary timing diagram for Standard-mode, Fast-mode and Fast-mode Plus
12.1.1 General I2C operation
There are two signals associated with the I2C-bus: the Serial Clock Line (SCL) and the
Serial Data line (SDA). SDA is a bidirectional signal used for sending and receiving the
data to/from the interface. External pull-up resistors connected to VDD are required for
SDA and SCL. When the I2C-bus is free, SCL and SDA are high.
The maximum practical operating frequency for I2C in a given system implementation
depends on several factors including the pull-up resistor and voltage values and total bus
capacitance (PCB trace + parasitic device capacitances).
The primary starts a transaction on the bus through a start condition (ST) signal, which
is defined as a HIGH-to-LOW transition on SDA line while the SCL line is held HIGH.
After the primary transmits the ST signal, the bus is considered busy. The next byte of
data transmitted contains the secondary address in the first seven bits, and the eighth bit,
the read/write bit, indicates whether the primary is receiving data from the secondary or
transmitting data to the secondary. When an address is sent, each device in the system
compares the first seven bits after the ST condition with its own address. If they match,
the device considers itself addressed by the primary. The ninth clock pulse, following the
secondary address byte (and each subsequent byte) is the acknowledge (ACK). The
transmitter must release the SDA line during the ACK period. The receiver must then pull
the data line low so that it remains stable low during the high period of the acknowledge
clock period.
The number of bytes per transfer is unlimited. If a receiver cannot receive another
complete byte of data until it has performed some other function, it can hold the SCL
line low to force the transmitter into a wait state. Data transfer only continues when the
receiver is ready for another byte and releases the clock line. This delay action is called
clock stretching. Not all primary devices support clock stretching. This device implements
clock stretching—the SCL line may be stretched (pulled low) for up to 1 µs when needed
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
14 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com