Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 7Page - NXP Semiconductors FXLS8967AF Datasheet HTML 8Page - NXP Semiconductors FXLS8967AF Datasheet HTML 9Page - NXP Semiconductors FXLS8967AF Datasheet HTML 10Page - NXP Semiconductors FXLS8967AF Datasheet HTML 11Page - NXP Semiconductors FXLS8967AF Datasheet HTML 12Page - NXP Semiconductors FXLS8967AF Datasheet HTML 13Page - NXP Semiconductors FXLS8967AF Datasheet HTML 14Page - NXP Semiconductors FXLS8967AF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
VDD = 1.8 V to 3.0 V, T = –40 °C to 105 °C, unless otherwise noted.
Typical values represent mean or mean ±1 σ values, depending on the specific parameter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TPULSE-THRES1 Motion detection threshold selection 1
– Pulse width range
BT_MODE = VDD
562.5
625
883
µs
TPULSE-THRES2 Motion detection threshold selection 2
– Pulse width range
BT_MODE = VDD
1125
1250
1570
µs
TPULSE-THRES3 Motion detection threshold selection 3
– Pulse width range
BT_MODE = VDD
2250
2500
2950
µs
TPULSE-DRDY
DRDY interrupt output pulse width
BT_MODE = GND
29
32
35.6
µs
TPULSE-BOOT1
BT_MODE = GND
58
64
71.2
µs
TPULSE-BOOT2
BOOT interrupt output pulse width
BT_MODE = VDD
9
10
11.2
ms
ODRTOL
Output Data Rate frequency tolerance
—
–10
±2.5
10
%ODR
TFLT-MOT_DET MOT_DET pin deglitch filter time
BT_MODE = VDD
—
10
—
µs
BT_MODE =
GND, SPI_CS_
B / WAKE_UP pin
—
400
—
TFLT-WAKE_UP
MOT_DET, WAKE_UP pin deglitch
filter time (transition out of Hibernate
mode)
BT_MODE = VDD,
MOT_DET pin
—
850
—
ns
TBOOT1
Time needed to enter Standby mode
after POR or soft reset
BT_MODE = GND
—
—
1
ms
TBOOT2
Time needed to enter Motion
Detection mode after POR or soft
reset
BT_MODE = VDD,
MOT_DET = 1
—
—
17.7
ms
IDDBOOT
Boot sequence peak current draw
T = –40 °C to
+105 °C; with
no decoupling
capacitors on VDD pin
—
—
5
mA
TON
Transition time (Standby mode to
Active mode with valid data output)
—
—
528.5 µs
+ 0.9984 *
(DEC – 1)
* (1/(ODR
* DEC))[2]
—
s
TOP
Operating temperature range
—
–40
—
+105
°C
Table 8. Electrical characteristics...continued
[1]
Max spec covers the situation where an interrupt pulse is issued by the sensor at the same time the host MCU drives MOT_DET low to signal a hibernate
command. In that case, their durations add up.
[2]
DEC = decimation factor. The selected ODR and operating mode determines the decimation factor. See Section 15.13 for more information on setting
or determining the measurement decimation factor. In LPM, the DEC factor is fixed at 1, making the time to first sample output fixed at 528.5 μs (typ),
independent of the selected ODR.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
11 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com