Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 12Page - NXP Semiconductors FXLS8967AF Datasheet HTML 13Page - NXP Semiconductors FXLS8967AF Datasheet HTML 14Page - NXP Semiconductors FXLS8967AF Datasheet HTML 15Page - NXP Semiconductors FXLS8967AF Datasheet HTML 16Page - NXP Semiconductors FXLS8967AF Datasheet HTML 17Page - NXP Semiconductors FXLS8967AF Datasheet HTML 18Page - NXP Semiconductors FXLS8967AF Datasheet HTML 19Page - NXP Semiconductors FXLS8967AF Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
12.1.2.5 I2C data sequence diagrams
aaa-040837
Device Address[6:0]
<Single Byte Read>
<Multiple Byte Read>
<Single Byte Write>
<Multiple Byte Write>
Legend
Primary
Secondary
Primary
Secondary
Primary
Secondary
Primary
Secondary
Primary
ST: Start Condition
SP: Stop Condition
ACK: Acknowledge
NACK: No Acknowledge W: Write = 0
SR: Repeated Start Condition
Secondary
Register Address[7:0]
ST
SR Device Address[6:0] R
SP
NACK
W
ACK
ACK
ACK
DATA[7:0]
ACK
ACK
ACK
DATA[7:0]
continued
Device Address[6:0]
Register Address[7:0]
ST
SR
SP
Device Address[6:0] R
ACK
ACK
NACK SP
Data[7:0]
Data[7:0]
Data[7:0]
ACK
W
ACK
ACK
Device Address[6:0]
Register Address[7:0]
ST
Data[7:0]
ACK
W
SP
ACK
ACK
Device Address[6:0]
Register Address[7:0]
ST
Data[7:0]
Data[7:0]
ACK
ACK
W
Figure 5. I2C Data Sequence Diagrams
13 SPI interface
The SPI interface is a classic primary/secondary serial port. FXLS8967AF is always
considered to be the secondary device and therefore never initiates communication with
the host processor.
The SPI interface of FXLS8967AF is compatible with interface mode 00, corresponding
to CPOL = 0 and CPHA = 0.
For CPOL = 0, the idle value of the clock is zero, and the active value of the clock is 1.
For CPHA = 0, data is captured on the rising edge (low to high transition) of the clock,
and data is propagated on the falling edge (high to low transition) of the clock.
13.1 General SPI operation
The SPI_CS_B pin is driven low at the start of a transaction, held low during the transfer,
and then driven high again after the transaction is completed. During a transaction, the
primary toggles the clock (SCLK). The SCLK polarity is defined as having an idle value
that is low, and an active phase that is high (CPOL = 0). Serial input and output data is
captured on the rising edge of the clock and propagated on the falling edge (CPHA =
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
16 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com