Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 83Page - NXP Semiconductors FXLS8967AF Datasheet HTML 84Page - NXP Semiconductors FXLS8967AF Datasheet HTML 85Page - NXP Semiconductors FXLS8967AF Datasheet HTML 86Page - NXP Semiconductors FXLS8967AF Datasheet HTML 87Page - NXP Semiconductors FXLS8967AF Datasheet HTML 88Page - NXP Semiconductors FXLS8967AF Datasheet HTML 89Page - NXP Semiconductors FXLS8967AF Datasheet HTML 90Page - NXP Semiconductors FXLS8967AF Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
17.2 Lead dimension detail
The width of lead end as viewed from leaded side of package has minimum dimension of
0.125 mm. The maximum dimension is equal to lead width at the bottom surface of the
package as indicated on the drawing.
aaa-040850
LEADED SIDE VIEW
BOTTOM VIEW
MAX = A
0.125 MIN
A
Figure 28. Bottom and leaded view dimensions
17.3 Burr specification
The assembly site specifies burrs to 0.076 mm maximum.
18 Soldering information
18.1 Printed circuit board layout and device mounting
Printed circuit board (PCB) layout and device mounting are critical to the overall
performance of the design. The footprint for the surface mount packages must be the
correct size as a base for a proper solder connection between the PCB and the package.
The correct size of the surface mount package footprint, along with the recommended
soldering materials and techniques, optimize assembly and minimize the stress on the
package after board mounting.
NXP application note AN1902[1] discusses the DFN package used by the FXLS8967AF.
18.1.1 Overview of soldering considerations
The information provided here is based on experiments executed on QFN devices. They
do not represent exact conditions present at a customer site. Therefore, information
herein should be used as guidance only, and process and design optimizations are
recommended to develop an application-specific solution. It should be noted that with the
proper PCB footprint and solder stencil designs, the package self-aligns during the solder
reflow process.
18.1.2 Halogen content
This package is Halogen free, exceeding most industry and customer standards.
Halogen Free means that no homogeneous material within the assembly package shall
contain chlorine (Cl) in excess of 700 ppm or 0.07 % weight/weight or bromine (Br) in
excess of 900 ppm or 0.09 % weight/weight.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
87 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com