Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 4 Page - NXP Semiconductors

  FXLS8967AF Datasheet HTML 1Page - NXP Semiconductors FXLS8967AF Datasheet HTML 2Page - NXP Semiconductors FXLS8967AF Datasheet HTML 3Page - NXP Semiconductors FXLS8967AF Datasheet HTML 4Page - NXP Semiconductors FXLS8967AF Datasheet HTML 5Page - NXP Semiconductors FXLS8967AF Datasheet HTML 6Page - NXP Semiconductors FXLS8967AF Datasheet HTML 7Page - NXP Semiconductors FXLS8967AF Datasheet HTML 8Page - NXP Semiconductors FXLS8967AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
6 Pinning information
6.1 Pinning
aaa-040828
10
9
8
7
6
1
2
3
4
5
VDD
BT_MODE
SA0/SPI_MISO
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
GND
Transparent top view
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
Figure 2. Pin configuration diagram
6.2 Pinning description
Symbol
Pin
Description
VDD
1 Sensor and digital interface supply voltage: 1.71 VDC to 3.6
VDC.
BT_MODE
2 Device boot mode selection.[1]
GND: Default operating mode enabled
VDD: Motion Detection mode enabled
SA0 / SPI_MISO
3 Mode-dependent Multifunction serial interface pin.[2]
INTF_SEL = VDD:
• SPI_MISO: In 4-wire SPI mode this pin functions as the serial
data output.
INTF_SEL = GND:
• SA0: This pin selects the least significant bit of the device I2C
secondary address.
SDA / SPI_MOSI / SPI_
DATA
4 Mode-dependent Multifunction serial interface pin.[2]
INTF_SEL = VDD:
• SPI_MOSI: In 4-wire SPI mode this pin functions as the serial
data input.
• SPI_DATA[3]: In 3-wire SPI mode, this pin functions as the
bidirectional serial data input/output.
INTF_SEL = GND:
• SDA: This pin functions as the I2C Serial Data input/output.
SCL / SCLK
5 Mode-dependent Multifunction serial interface pin.[2]
INTF_SEL = VDD:
• SPI serial clock input (3- and 4-wire modes)
INTF_SEL = GND:
• I2C serial clock input
Table 3. Pin descriptions
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
4 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com