Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 79 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 75Page - NXP Semiconductors FXLS8967AF Datasheet HTML 76Page - NXP Semiconductors FXLS8967AF Datasheet HTML 77Page - NXP Semiconductors FXLS8967AF Datasheet HTML 78Page - NXP Semiconductors FXLS8967AF Datasheet HTML 79Page - NXP Semiconductors FXLS8967AF Datasheet HTML 80Page - NXP Semiconductors FXLS8967AF Datasheet HTML 81Page - NXP Semiconductors FXLS8967AF Datasheet HTML 82Page - NXP Semiconductors FXLS8967AF Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
3 to 0
ST_DEC
Self-Test measurement phase decimation factor
This bit field selects the Self-Test measurement phase decimation factor.
The decimation selection ranges from 1 to 4096 as shown in Table 120.
Table 119. SELF_TEST_CONFIG2 register (address 38h) bit description
ST_DEC[3] ST_DEC[2] ST_DEC[1] ST_DEC[0] Decimation
selection
(Number of
samples
Self-Test
measurement
period
(ms)
Self-Test ODR
(Hz)
0
0
0
0
1
0.3125
3200
0
0
0
1
2
0.625
1600
0
0
1
0
4
1.25
800
0
0
1
1
8
2.5
400
0
1
0
0
16
5
200
0
1
0
1
32
10
100
0
1
1
0
64
20
50
0
1
1
1
128
40
25
1
0
0
0
256
80
12.5
1
0
0
1
512
160
6.25
1
0
1
0
1024
320
3.125
1
0
1
1
2048
640
1.563
1
1
0
0
4096
1280
0.78125
1
1
0
1
4096
1280
0.78
1
1
1
0
4096
1280
0.781
1
1
1
1
4096
1280
0.781
Table 120. Self-Test measurement phase decimation settings
Notes:
• During the self-test sequence, the accelerometer measurement period in μs (for each
axis and each direction) is given by Equation 4.
(4)
• The user-selected ODR and power mode settings are ignored during self-test
operation. The user-selected settings for ODR and power mode are applied after self-
test is disengaged, for example,
SENSCONFIG1[...]ST_AXIS_SEL[1:0] = 00b.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
79 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com